Part Number Hot Search : 
A554RW MUR10 CE66P9 A222R AP1501A X935Z LB11823M AK5703
Product Description
Full Text Search
 

To Download SS34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS32 thru SS310
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS FEATURES
For surface mounted applications Metal-Semiconductor junction with guarding Epitaxial construction Very low forward votage drop High current capability .128(3.25) .108(2.75) .245(6.22) .220(5.59)
REVERSE VOLTAGE - 20 to 100 Volts FORWARD CURRENT - 3.0 Amperes SMC
Plastic material has UL flammability classification 94V-0
For use in lowvoltage, high frequency inverters, .280(7.11) .260(6.60) .012(.305) .006(.152)
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case Molded Plastic Polarity:Color band denotes cathode Weight: 0.007 ounces,0.21 grams
.103(2.62) .079(2.00)
.060(1.52) .030(0.76)
.320(8.13) .305(7.75)
.008(.203) .002(.051)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=100
SYMBOL VRRM VRMS VDC I(AV)
SS32 20 14 20
SS33 30 21 30
SS34 40 28 40
SS35 50 35 50 3.0
SS36 60 42 60
SS38 80 56 80
SS310 100 70 100
UNIT V V V A
IFSM VF IR CJ RJL RJA TJ TSTG 0.45 0.55 0.6
80 0.7 1.0 20 250 10 50 -55 to + 150 -55 to + 150 0.85
A V mA pF /W /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead. 3.Thermal resistance junction to ambient.
~ 169 ~
RATING AND CHARACTERTIC CURVES SS32 thru SS310
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 120 100 80 60 40 20 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 1000
FIG. 1 - FORWARD CURRENT DERATING CURVE 5.0 AVERAGE FORWARD CURRENT AMPERES
4.0 3.0 2.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
1.0 0
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
25
50
75
100
125
150
175
LEAD TEMPERATURE FIG.3-TYPICAL FORWARD CHARACTERISTICS 20
SS32
INSTANTANEOUS FORWARD CURRENT, (A)
10
SS34
SS33
CAPACITANCE PF
100
SS35-SS36
SS38-SS310
1.0
TJ=25 f=1MHZ
10 0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 REVERSE VOLTAGE,VOLTS INSTANTANEOUS FORWARD VOLTAGE, (VOLTS) 0.1 1.0 4.0 10.0 100
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (mA )
T J=125
10
T J=100
1.0
0.1
0.01
T J=25
0.001 0 20 40 60 80 100 120 140
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
~ 170 ~


▲Up To Search▲   

 
Price & Availability of SS34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X